Part Number Hot Search : 
MAX5250 M58482P 61MEL 9X388 97M00 5225B MDA3500 EP2600TS
Product Description
Full Text Search
 

To Download PM150CSA06000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE
A B R AD
12 3 4
W Q AB U Y (4 TYP.)
U U AB
5678 9 11
13 15 17 19
10 12
14 16 18
M M S AG
AD (15 TYP.) Z - DIA. (4 TYP.) F E C
AA - THD (6 TYP.) U
W V U
W X X
1. V UPC 2. UFO 3. U P 4. V UPI 5. V VPC 6. VFO 7. V P 8. V VPI 9. V WPC 10. WFO
11. W P 12. V WPI 13. V NC 14. V NI 15. NC 16. U N 17. V N 18. W N 19. FO
B P N
AG K J D 2.54 MM DIA. (2 TYP.) 0.5 MM SQ. PIN (19 TYP.) J P
AE
T GH N V AF L AC
Description: Mitsubishi Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit Protection Logic - Short Circuit - Over Current - Over Temperature - Under Voltage Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM150CSA060 is a 600V, 150 Ampere Intelligent Power Module.
Type PM Current Rating Amperes 150 VCES Volts (x 10) 60
V WPC WP W FO V WPI
V UPC UP
GND GND IN
V VPC VP V FO V VPI
OUT V CC
OUT V CC
OUT V CC
OUT V CC
GND GND
GND GND
GND GND
GND GND
GND GND
TEMP
SI
SI
SI
SI
SI
NC
N
W
V
U
SI
OUT V CC
OUT V CC
FO
FO
FO
FO
FO
IN
FO
IN
IN
IN
IN
UFO V UPI P
V NC WN
V NI
FO NC
VN
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N P Q R Inches 4.330.04 3.740.02 3.500.04 3.27 2.910.02 2.44 1.28 1.24 1.02 0.94 Millimeters 110.01.0 95.00.5 89.01.0 83.0 74.00.5 62.0 32.6 31.6 26.0 24.0 Dimensions S T U V W X Y Z AA AB AC AD AE AF AG Inches 0.67 0.52 0.39 0.27 0.30 0.24 0.24 Rad. 0.22 Dia. Metric M5 0.127 0.10 0.08 0.07 0.06 0.020.01 Millimeters 17.0 13.2 10.0 7.0 7.5 6.0 Rad. 6.0 Dia. 5.5 M5 3.22 2.6 2.0 1.8 1.6 0.50.3
0.87 +0.06/-0 22.0 +1.5/-0.0 0.79 0.76 0.75 0.708 0.670 20.0 19.4 19.0 17.98 17.02
UN
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE Absolute Maximum Ratings, T j = 25C unless otherwise specified
Symbol Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M5 Mounting Screws Mounting Torque, M5 Main Terminal Screws Module Weight (Typical) Supply Voltage Protected by OC and SC-(VD = 13.5 - 16.5V, Inverter Part) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Tj Tstg TC -- -- -- VCC(prot.) Viso Ratings -20 to 150 -40 to 125 -20 to 100 1.47 ~ 1.96 1.47 ~ 1.96 550 400 2500 Units C C C N*m N*m Grams Volts Vrms
Control Sector
Supply Voltage (Applied between VUP1-VUPC , VVP1-VVPC, VWP1-VWPC, VN1-VNC) Input Voltage (Applied between U P-VUPC , VP-VVPC, WP-VWPC, UN * VN * WN-VNC) Fault Output Supply Voltage (Applied between U FO-VUPC, VFO-V VPC, WFO-VWPC , FO-V NC) Fault Output Current (Sink Current of UFO, VFO, WFO and FO Terminal) VD VCIN VFO I FO 20 20 20 20 Volts Volts Volts mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation VCES IC I CP VCC VCC(surge) PC 600 150 300 450 500 500 Volts Amperes Amperes Volts Volts Watts
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Over Current Trip Level Inverter Part Short Circuit Trip Level Inverter Part Over Current Delay Time Over Temperature Protection OC SC toff(OC) OT OTr Supply Circuit Under Voltage Protection UV UVr Supply Voltage VD ID Vth(on) Vth(off) fPWM I FO(H) IFO(L) Minimum Fault Output Pulse Width t FO -20C T 125C, VD = 15V -20C T 125C, VD = 15V VD = 15V Trip Level Reset Level Trip Level Reset Level Applied between VUP1-VUPC, VVP1-VVPC, VWP1 -VWPC, VN1-VNC Circuit Current VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Applied between UP-VUPC, VP-VVPC, W P-VWPC, UN * VN * WN -VNC 3- Sinusoidal VD = 15V, VFO = 15V VD = 15V, VFO = 15V VD = 15V -- -- 1.2 1.7 40 13 1.5 2.0 55 18 1.8 2.3 mA mA Volts Volts 210 -- -- 111 -- 11.5 -- 13.5 300 420 10 118 100 12.0 12.5 15 -- -- -- 125 -- 12.5 -- 16.5 Amperes Amperes s C C Volts Volts Volts
PWM Input Frequency Fault Output Current
-- -- -- 1.0
15 -- 10 1.8
20 0.01 15 --
kHz mA mA ms
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VEC VCE(sat) VCE = VCES, Tj = 25C VCE = VCES, Tj = 125C Diode Forward Voltage Collector-Emitter Saturation Voltage -IC = 150A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V, I C = 150A VD = 15V, VCIN = 0V, I C = 150A, Tj = 125C Inductive Load Switching Times t on t rr t C(on) t off t C(off) VD = 15V, VCIN = 0 15V VCC = 300V, I C = 150A Tj = 125C 0.4 -- -- -- -- 0.8 0.15 0.4 2.0 0.6 2.0 0.3 1.0 2.9 1.2 s s s s s -- -- -- -- -- -- -- 2.2 1.8 1.75 1.0 10 3.3 2.7 2.63 mA mA Volts Volts Volts
Thermal Characteristics
Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Contact Thermal Resistance Rth(c-f) Condition Each IGBT Each FWDi Case to Fin Per Module, Thermal Grease Applied Min. -- -- -- Typ. -- -- -- Max. 0.25 0.47 0.027 Units C/Watt C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Symbol VCC VD Input ON Voltage Input OFF Voltage VCIN(on) VCIN(off) fPWM t dead Condition Applied across P-N Terminals Applied between VUP1-VUPC, VN1-VNC, VVP1 -VVPC, VWP1-VWPC Applied between UP-VUPC, VP-VVPC, W P-V WPC, UN * VN * WN-V NC Using Application Circuit Input Signal 0 ~ 0.8 4.0 ~ VD 5 ~ 20 2.5 Volts Volts Value 0 ~ 400 15 1.5 Units Volts Volts
PWM Input Frequency Minimum Dead Time
kHz s
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
OUTPUT CHARACTERISTICS (TYPICAL)
3.0
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat), (VOLTS) SATURATION VOLTAGE VCE(sat), (VOLTS)
3.0
COLLECTOR CURRENT, IC, (AMPERES)
150
Tj = 25oC VD = 17V 15 13 VCIN = 0V
2.5 2.0 1.5 1.0 .5 0 0
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
2.5 2.0 1.5 1.0 .5 0
IC = 150A VCIN = 0V Tj = 25oC Tj = 125oC
100
50
0 0 12 14 16 18 20 0 1 2 3
SUPPLY VOLTAGE, VD, (VOLTS) COLLECTOR-EMITTER VOLTAGE, VCE, (VOLTS)
50
100
150
200
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL)
101
VCC = 300V VD = 15V
SWITCHING TIMES, ton, toff, (s)
101
Inductive Load
100
VCC = 300V VD = 15V Irr
102
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
Tj = 25oC Tj = 125oC toff
SWITCHING TIMES, tc(on), tc(off), (s)
Inductive Load
Tj = 25oC Tj = 125oC
100
ton
100
tc(off) tc(on)
REVERSE RECOVERY TIME, trr, (s)
10-1
trr
101
VCC = 300V VD = 15V
Inductive Load
Tj = 25oC Tj = 125oC
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-2 101
102
100 103
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
DIODE FORWARD CHARACTERISTICS
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
OVER CURRENT TRIP LEVEL VS. SUPPLY VOLTAGE (TYPICAL)
OVER CURRENT TRIP LEVEL VS. TEMPERATURE (TYPICAL)
103
140
OVER CURRENT TRIP LEVEL % (NORMALIZED) OVER CURRENT TRIP LEVEL % (NORMALIZED)
140
Tj = 25oC VD = 15V
VD = 15V VCIN = 15V Tj = 25oC Tj = 125oC
120
120
100
100
102
80
80
60
60
101 0 0.5 1.0 1.5 2.0 2.5
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
0 0 12 14 16 18 20
SUPPLY VOLTAGE, VD, (VOLTS)
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM150CSA060
FLAT-BASE TYPE INSULATED PACKAGE
FAULT OUTPUT PULSE WIDTH VS. TEMPERATURE (TYPICAL)
CONTROL SUPPLY VOLTAGE TRIP-RESET LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
140
FAULT OUTPUT PULSE WIDTH % (NORMALIZED)
15
VD = 15V UVt UVr
101
120
UV TRIP-RESET LEVEL, UVt, UVr, (VOLTS)
14
100
100
13
10-1
80
12
60
11
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.25oC/W
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
0 -50 0 50 100
o
150
10-3 10-3
10-2
10-1
TIME, (s)
100
101
JUNCTION TEMPERATURE, Tj, ( C)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
101
100
10-1
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 0.47oC/W
10-3 10-3
10-2
10-1
TIME, (s)
100
101
Sep.2000


▲Up To Search▲   

 
Price & Availability of PM150CSA06000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X